PART |
Description |
Maker |
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3316 MAX3316E MAX3316ECAE MAX3316ECUP MAX3316EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Quad LVDS Receiver 16-SOIC -40 to 85 【15kV ESD-Protected, 2.5V, 1レA, 460kbps, RS-232 Compatible Transceivers 15kV ESD-Protected, 2.5V, 1A, 460kbps, RS-232 Compatible Transceivers ±15kV ESD-Protected, 2.5V, 1μA, 460kbps, RS-232 Compatible Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX3070E-MAX3079E MAX3073EASD MAX3070EASD MAX3079E |
3.3V, ??5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 Fixed-Point Digital Signal Processor 697-FCBGA -40 to 105 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V.±.15kV ESD-Protected.Fail-Safe.Hot-Swap.RS-485/RS-422 Transceivers 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO14 3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. 热切电源分布 Maxim Integrated Produc...
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ADM483EAR-REEL ADM483EARZ ADM483EARZ-REEL ADM483EA |
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver 15,-15 kV ESD Protected, Slew Rate
|
Analog Devices
|
ADM206E ADM206EAR ADM207E ADM207EAN ADM207EAR ADM2 |
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant/ -15 kV ESD Protected/ RS-232 Line Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors EMI-/EMC-Compliant -15 kV ESD Protected/ Dual RS-232 Port with Standby
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ST3222E ST3222EBD ST3222EBDR ST3222EBPR ST3222EBTR |
15 KV ESD PROTECTED 3 TO 5.5V, LOW POWER, UP TO 250KBPS RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
|